Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP E675-P1Q2-25 Datasheet (PDF) - ams-OSRAM AG

LP E675-P1Q2-25 Datasheet PDF - ams-OSRAM AG
Part # LP E675-P1Q2-25
Download  LP E675-P1Q2-25 Download
File Size   1220.21 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED®

LP E675-P1Q2-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP E675-P1Q2-25 Datasheet PDF - ams-OSRAM AG

Part # LP E675-P1Q2-25
Download  LP E675-P1Q2-25 Click to download

File Size   1220.21 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED®

LP E675-P1Q2-25 Datasheet (HTML) - ams-OSRAM AG


LP E675-P1Q2-25 Product details

Applications
——Interior Illumination (e.g. Ambient Map)
——Signalling
——Traffic Lights
Features:
——Package: white PLCC-4 package, colorless clear resin
——Chip technology: InGaAlP
——Typ. Radiation: 120° (Lambertian emitter)
——Color: λdom = 560 nm (● pure green)
——Corrosion Robustness Class: 3B
——ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LP E675-P1Q2-25

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LP A675-N1P2-25 AMSOSRAM-LP A675-N1P2-25 Datasheet
1Mb / 23P
SIDELED®
2022-09-01
LP A676-L1M2-25 AMSOSRAM-LP A676-L1M2-25 Datasheet
446Kb / 19P
SIDELED
2013-08-30
LP A67K-E1G2-25 AMSOSRAM-LP A67K-E1G2-25 Datasheet
469Kb / 19P
SIDELED
2013-10-02
LP L296-J2L2-25 AMSOSRAM-LP L296-J2L2-25 Datasheet
1Mb / 22P
SMARTLED™ 0603
2025-09-03
LP M675-M2P1-25 AMSOSRAM-LP M675-M2P1-25 Datasheet
1Mb / 21P
Mini TOPLED®
2022-09-14
More results


Similar Description - LP E675-P1Q2-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com